Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2002 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 37Page - STMicroelectronics STE2002_06 Datasheet HTML 38Page - STMicroelectronics STE2002_06 Datasheet HTML 39Page - STMicroelectronics STE2002_06 Datasheet HTML 40Page - STMicroelectronics STE2002_06 Datasheet HTML 41Page - STMicroelectronics STE2002_06 Datasheet HTML 42Page - STMicroelectronics STE2002_06 Datasheet HTML 43Page - STMicroelectronics STE2002_06 Datasheet HTML 44Page - STMicroelectronics STE2002_06 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
STE2002
Bus interfaces
41/61
Figure 43.
Initialization with built-in booster
Figure 44.
Dual partial display enabling instruction flow
SETUP NORMAL DISPLAY MODE CONFIGURATION
SET Driver in Power Down(PD=1)
SET Driver in Normal Display Mode (PE=0)
END OF NORMAL DISPLAY MODE CONFIG.
SET PRS[1:0], Vop[6:0], BS[2:0], CP[2:0], FR[1:0],
TC, M[1:0] for Normal Display Operation
Switch "ON" Booster and Display Control Logic
(PD=0)
ENABLE DUAL PARTIAL DISPLAY
END OF ENABLING DUAL PARTIAL DISPLAY
SET PE=1
OPTIONAL1
SET 1st Sector Start Address
SET 2nd Sector Start Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61