Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2002 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 34Page - STMicroelectronics STE2002_06 Datasheet HTML 35Page - STMicroelectronics STE2002_06 Datasheet HTML 36Page - STMicroelectronics STE2002_06 Datasheet HTML 37Page - STMicroelectronics STE2002_06 Datasheet HTML 38Page - STMicroelectronics STE2002_06 Datasheet HTML 39Page - STMicroelectronics STE2002_06 Datasheet HTML 40Page - STMicroelectronics STE2002_06 Datasheet HTML 41Page - STMicroelectronics STE2002_06 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
Bus interfaces
STE2002
38/61
Figure 40.
Application schematic using the internal LCD voltage generator and a
single supply
VDD
VDD2
I/O
VDD1
VSS2
VSS1
VLCDSENSE
VLCDOUT
VLCDIN
VSS
81 x 128
DISPLAY
40
128
41
100nF
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61