| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2002 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2002 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 61 page ![]() Bus interfaces STE2002 34/61 Table 18. Temperature coefficient T2 T1 T0 Description Reset state 0 0 0 VLCD temperature Coefficient 0 0 0 1 VLCD temperature Coefficient 1 0 1 0 VLCD temperature Coefficient 2 0 1 1 VLCD temperature Coefficient 3 000 1 0 0 VLCD temperature Coefficient 4 1 0 1 VLCD temperature Coefficient 5 1 1 0 VLCD temperature Coefficient 6 1 1 1 VLCD temperature Coefficient 7 Table 19. TC1 & TC0 temperature coefficients TC1 TC0 Description Reset state 0 0 VLCD temperature Coefficient 0 0 1 VLCD temperature Coefficient 2 00 1 0 VLCD temperature Coefficient 3 1 1 VLCD temperature Coefficient 6 Table 20. Charge pump multiplication factor CP2 CP1 CP0 Description Reset state 0 0 0 Multiplication Factor X2 0 0 1 Multiplication Factor X3 0 1 0 Multiplication Factor X4 0 1 1 Multiplication Factor X5 000 1 0 0 Multiplication Factor X6 101 NOT USED 110 NOT USED 111 AUTOMATIC |