| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2002 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2002 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 61 page ![]() Bus interfaces STE2002 30/61 H=0 Memory Blank 0 0 000000 0 1 Starts Memory Blank Procedure Scroll 0 0 000000 1 DIR Scrolls by one Row UP or DOWN VLCD Range Setting 0 0 000001 0 PRS[0] VLDC programming range selection Display Control 0 0 00001 D 0 E Select Display Configuration Set CP Factor 0 0 00010 S2 S1 S0 Charge Pump Multiplication factor Set RAM Y 0 0 0100 Y3 Y2 Y1 Y0 Set Horizontal (Y) RAM Address Set RAM X 0 0 1 X6X5X4X3X2 X1 X0 Set Vertical (X) RAM Address H=1 Checker Board 0 0 000000 0 1 Starts Checker Board Procedure Multiplex Select 0 0 000000 1 MUX Selects MUX factor TC Select 0 0 000001 TC1 TC0 Set Temperature Coefficient for VLDC Output Address 0 0 00001 DO A1 A2 No function Bias Ratios 0 0 00010 BS2 BS1 BS0 Set desired Bias Ratios Reserved 0 0 0 1 X X X X X X Not to be used Set VOP 00 1 OP 6 OP 5 OP 4 OP 3 OP 2 OP1 OP0 VOP register Write instruction Table 10. STE2001-like instruction set (continued) Instruction D/C R/W B7 B6 B5 B4 B3 B2 B1 B0 Description |