| Moteur de recherche de fiches techniques de composants électroniques |
|
STA011 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA011 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 38 page ![]() Programming specifications STA011 32/38 6.5 IF PLL 6.5.1 IFVCO enable 6.5.2 PFD programming 6.5.3 Charge pump enable 6.5.4 Reference divider division ratio Table 34. IFVCO enable D57 D56 Description Notes 1 0 Internal IFVCO Startup configuration 1 1 External IFLO Test condition Table 35. Frequency phase detector setting D55 D54 D53 D52 D51 Description Notes x x 1 x 1 Normal operation Default configuration xx 1 0 0 Reference divider test, available @Lock Synthesizer test reserved configuration x x 1 1 0 Loop divider test available @ Lock Synthesizer test reserved configuration 00 0 x x Charge pump test, high impedance state Synthesizer test reserved configuration 0 1 0 x x Charge pump test, DEC active Synthesizer test reserved configuration 1 0 0 x x Charge pump test, INC active Synthesizer test reserved configuration 11 0 x x Charge pump test, DEC&INC active Synthesizer test reserved configuration Table 36. Charge pump enable D50 Description Notes 0 Charge Pump OFF 1 Charge Pump ON Startup configuration Table 37. Reference divider division ratio D49 D48 D47 D46 D45 D44 D43 D42 D41 Description Notes 0 1 000 0010 R=130 fcomp=113.23KHz startup configuration |