Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA011 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 18Page - STMicroelectronics STA011 Datasheet HTML 19Page - STMicroelectronics STA011 Datasheet HTML 20Page - STMicroelectronics STA011 Datasheet HTML 21Page - STMicroelectronics STA011 Datasheet HTML 22Page - STMicroelectronics STA011 Datasheet HTML 23Page - STMicroelectronics STA011 Datasheet HTML 24Page - STMicroelectronics STA011 Datasheet HTML 25Page - STMicroelectronics STA011 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
I2C-bus interface
STA011
22/38
5.2
Software specification
5.2.1
Write mode (multibyte write)
ack = Acknowledge
S = Start
P = Stop
Bits description
1st data byte
MSB
device address
LSB
MSB
sub-address byte
LSB
S
1
1
0000
A
0
ack
S7
S6
S5
S4
S3
S2
S1
S0
ack
MSB
1st data byte
LSB
MSB
2nd data byte
LSB
D119 D118 D117 D116 D115 D114 D113 D112 ack D111 D110 D109 D108 D107 D106 D105 D104 ack
MSB
3rd data byte
LSB
MSB
4th data byte
LSB
D103 D102 D101 D100 D99
D98
D97
D96
ack
D95
D94
D93
D92
D91
D90
D89
D88
ack
MSB
5th data byte
LSB
MSB
6th data byte
LSB
D87
D86
D85
D84
D83
D82
D81
D80
ack
D79
D78
D77
D76
D75
D74
D73
D72
ack
MSB
7th data byte
LSB
MSB
8th data byte
LSB
D71
D70
D69
D68
D67
D66
D65
D64
ack
D63
D62
D61
D60
D59
D58
D57
D56
ack
MSB
9th data byte
LSB
MSB
10th data byte
LSB
D55
D54
D53
D52
D51
D50
D49
D48
ack
D47
D46
D45
D44
D43
D42
D41
D40
ack
MSB
11th data byte
LSB
MSB
12th data byte
LSB
D39
D38
D37
D36
D35
D34
D33
D32
ack
D31
D30
D29
D28
D27
D26
D25
D24
ack
MSB
13th data byte
LSB
MSB
14th data byte
LSB
D23
D22
D21
D20
D19
D18
D17
D16
ack
D15
D14
D13
D12
D11
D10
D9
D8
ack
MSB
13th data byte
LSB
D7
D6
D5
D4
D3
D2
D1
D0
ack
P
RFPLL
Loop divider
M counter
D119
D118
D117
D116
D115
D114
D113
D112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38