| Moteur de recherche de fiches techniques de composants électroniques |
|
STA011 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA011 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 38 page ![]() STA011 I2C-bus interface 25/38 12th data byte 5.3 Read mode Current byte address read ack = acknowledge s = start p = stop 5.3.1 Bits description In read mode, only one byte is provided to the master. The last six not used bits are fixed to 0. IF PLL XTAL Loop divider division ratio M_CLK output disable Double/ single ended Cut-off frequency setting Loop gain setting Not used D31 D30 D29 D28 D27 D26 D25 D24 Not used Not used Not used Not used Not used … … . D31 D30 … … … … …. …. MSB chip address R/W MSB data byte LSB S 1 1 0 0 0 0 A 1 ack B7B6B5 B4B3B2B1 B0 P PLL’s Lock Not used Not used Not used Not used Not used Not used Not used B7 B6 B5 B4 B3 B2 B1 B0 |