Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA011 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 27Page - STMicroelectronics STA011 Datasheet HTML 28Page - STMicroelectronics STA011 Datasheet HTML 29Page - STMicroelectronics STA011 Datasheet HTML 30Page - STMicroelectronics STA011 Datasheet HTML 31Page - STMicroelectronics STA011 Datasheet HTML 32Page - STMicroelectronics STA011 Datasheet HTML 33Page - STMicroelectronics STA011 Datasheet HTML 34Page - STMicroelectronics STA011 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
STA011
Programming specifications
31/38
6.3
IF path
6.3.1
Blocks disable
6.4
Lock detector setting
Table 32.
Blocks disable
D65
Description
Notes
D65
0preVGA OFF
1
preVGA ON
Startup configuration
D64
0VGA1 OFF
1
VGA1 ON
Startup configuration
D63
0VGA2 OFF
1
VGA2 ON
Startup configuration
D62
0
Mixer OFF
1
Mixer ON
Startup configuration
D61
0IF2Amp OFF
1
IF2Amp ON
Startup configuration
Table 33.
Lock detector setting
D60
D59
D58
Description
Notes
0
0
0
Lock test on RF PLL
Test condition
0
0
1
Lock test on IF PLL
Test condition
1
0
0
Lock test on RF PLL and IF PLL
Startup configuration
x
1
0
Test on RF PLL dividers
Test condition
x
1
1
Test on IF PLL dividers
Test condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38