| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE2403 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2403 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 63 page ![]() STMPE2403 Register map 13/63 5 Register map All registers have the size of 8-bit. For each of the module, their registers are residing within the given address range. Table 12. Register map Address Module registers Description Auto-Increment (during read/write) 0x00 – 0x07 0x80 – 0x81 Clock and power Manager module Clock and Power Manager register range. Yes 0x10 – 0x1F Interrupt controller module Interrupt Controller register range Yes 0x30 – 0x37 PWM controller module PWM Controller register range Yes 0x38 – 0x3F PWM Controller register range No 0x60 – 0x6F Keypad controller module Keypad Controller register range Yes 0x70 – 0x77 Rotator controller module Rotator Controller register range Yes 0x82 – 0xBF GPIO Controller Module GPIO Controller register range Yes |