| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE2403 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2403 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 63 page ![]() Pin settings STMPE2403 6/63 2 Pin settings 2.1 Pin connection Figure 2. Pin connection 2.2 Pin assignment and TFBGA ball location TFBGA Table 2. Pin assignment Ball Name Type Description C3 GND1 - A6 KP_X0 IO GPIO C1 Reset_N I External reset input, active LOW A5 KP_X1 IO GPIO F1 KP_X2 IO GPIO F2 KP_X3 IO GPIO A2 KP_X4 IO GPIO B3 KP_X5 IO GPIO A3 KP_X6 IO GPIO D3 GND2 - A4 VCC1 - 1.8V Input |