Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE2403 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 3Page - STMicroelectronics STMPE2403 Datasheet HTML 4Page - STMicroelectronics STMPE2403 Datasheet HTML 5Page - STMicroelectronics STMPE2403 Datasheet HTML 6Page - STMicroelectronics STMPE2403 Datasheet HTML 7Page - STMicroelectronics STMPE2403 Datasheet HTML 8Page - STMicroelectronics STMPE2403 Datasheet HTML 9Page - STMicroelectronics STMPE2403 Datasheet HTML 10Page - STMicroelectronics STMPE2403 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
STMPE2403
Pin settings
7/63
Ball
Name
Type
Description
B4
KP_X7
IO
GPIO
A1
KP_Y5
IO
GPIO
B2
KP_Y4
IO
GPIO
B5
KP_Y3
IO
GPIO
B6
KP_Y2
IO
GPIO
C5
KP_Y1
IO
GPIO
C6
KP_Y0
IO
GPIO
C4
GND3
-
D6
ADDR0
IO
GPIO and I2C ADDR 0 (in reset)
D5
KP_Y9
A/IO
GPIO/MUX
E6
KP_Y10
A/IO
GPIO/MUX
F6
KP_Y11
A/IO
GPIO/MUX
E5
PWM3
A/IO
GPIO and I2C ADDR 1 (in reset) /MUX
F5
PWM2
A/IO
GPIO/MUX
E4
PWM1
A/IO
GPIO/MUX
F4
VCC2
-
1.8V Input
D4
GND4
-
F3
INT
O
Open drain interrupt output pin
E3
KP_Y8
IO
GPIO
C2
KP_Y7
IO
GPIO
B1
KP_Y6
IO
GPIO
E2
SDATA
A
I2C DATA
E1
SCLK
A
I2C Clock
D2
XTALIN
A
XTAL Oscillator or External 32KHz input.
be left floating.
D1
XTALOUT
A
XTAL Oscillator
Table 2. Pin assignment (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63