Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C2 Fiches technique(PDF) 196 Page - STMicroelectronics

No de pièce ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Fiches technique(HTML) 196 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 192Page - STMicroelectronics ST20C2 Datasheet HTML 193Page - STMicroelectronics ST20C2 Datasheet HTML 194Page - STMicroelectronics ST20C2 Datasheet HTML 195Page - STMicroelectronics ST20C2 Datasheet HTML 196Page - STMicroelectronics ST20C2 Datasheet HTML 197Page - STMicroelectronics ST20C2 Datasheet HTML 198Page - STMicroelectronics ST20C2 Datasheet HTML 199Page - STMicroelectronics ST20C2 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 212 page
background image
unpacksn
®
196/212
unpacksn
unpack single length fp number
Code: 26 F3
Description: Unpack a packed IEEE single length floating point n umber. Areg
initially holds the packed number, and the instruction returns the exponent in Breg and
the fractional field in Areg, not including the implied most significant bit for normalised
numbers. In addition a code indicating the type of number is added to 4 times the
initial value of Breg and left in Creg. The codes are:
0if Areg is zero
1if Areg is a denormalised or normalised number
2if Areg is an infinity
3if Areg is not-a-number
Definition:
Areg
′← fractional field contents of Areg
Breg
′← exponent field contents of Areg
Creg
′← 4 × Breg + ‘code’ of type of Areg (see above)
Error signals: none
Comments:
Secondar y instruction.
See also:
roundsn postnormsn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More