Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C2 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 75Page - STMicroelectronics ST20C2 Datasheet HTML 76Page - STMicroelectronics ST20C2 Datasheet HTML 77Page - STMicroelectronics ST20C2 Datasheet HTML 78Page - STMicroelectronics ST20C2 Datasheet HTML 79Page - STMicroelectronics ST20C2 Datasheet HTML 80Page - STMicroelectronics ST20C2 Datasheet HTML 81Page - STMicroelectronics ST20C2 Datasheet HTML 82Page - STMicroelectronics ST20C2 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 212 page
background image
enbt
79/212
®
enbt
enable timer
Code: 24 F7
Description: Enable a timer guard in an alternative sequence. Areg is the boolean
guard and Breg is the time after which the guard may be selected. Note that this
instruction should only be used as part of an alternative sequence following a
talt
instruction; in this case the location pw.State will have been initialized to
Enabling.p
and the pw.Tlink slot initialized to
TimeNotSet.p.
Definition:
if (Areg
≠ false)
{
if (word[Wptr @ pw.TLink]
= TimeNotSet.p)
–
this is the first enbt
{
word
′[Wptr @ pw.TLink]
← TimeSet.p
word
′[Wptr @ pw.Time]
← Breg
}
else if (word[Wptr @ pw.TLink]
= TimeSet.p)
–
this is not the first enbt
{
if (word[Wptr @ pw.Time] after Breg)
–
this enbt has earlier time
word
′[Wptr @ pw.Time] ← Breg
}
}
Breg
′← Creg
Creg
′← undefined
Error signals: none
Comments:
Secondary instruction.
See also:
altend dist talt taltwt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More