Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C2 Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 58Page - STMicroelectronics ST20C2 Datasheet HTML 59Page - STMicroelectronics ST20C2 Datasheet HTML 60Page - STMicroelectronics ST20C2 Datasheet HTML 61Page - STMicroelectronics ST20C2 Datasheet HTML 62Page - STMicroelectronics ST20C2 Datasheet HTML 63Page - STMicroelectronics ST20C2 Datasheet HTML 64Page - STMicroelectronics ST20C2 Datasheet HTML 65Page - STMicroelectronics ST20C2 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 212 page
background image
cword
®
62/212
cword
check word
Code: 25 F6
Description: Check that the value in Breg can be represented as an N-bit signed
integer. Areg contains 2(N-1) to indicate the value of N (i.e. bit N-1 of Areg is set to 1
and all other bits are set to zero).
Definition:
if (Breg
<−Areg) or (Breg ≥ Areg)
IntegerError
Areg
′← Breg
Breg
′← Creg
Creg
′← undefined
Error signals:
IntegerError signalled if Breg is not in range.
Comments:
The result of the instruction is undefined if Areg is not an integral power of 2.
Undefined if Areg has more than one bit set.
Secondar y instruction.
See also:
cb cs csngl xword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More