Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C2 Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 92Page - STMicroelectronics ST20C2 Datasheet HTML 93Page - STMicroelectronics ST20C2 Datasheet HTML 94Page - STMicroelectronics ST20C2 Datasheet HTML 95Page - STMicroelectronics ST20C2 Datasheet HTML 96Page - STMicroelectronics ST20C2 Datasheet HTML 97Page - STMicroelectronics ST20C2 Datasheet HTML 98Page - STMicroelectronics ST20C2 Datasheet HTML 99Page - STMicroelectronics ST20C2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 212 page
background image
ladd
®
96/212
ladd
long add
Code: 21 F6
Description: Add with carry in and check for overflow. The result of the operation is
the sum of Areg, Breg and bit 0 of Creg.
Definition:
if (sum
> MostPos)
{
Areg
′← sum − 2BitsPerWord
IntegerOverflow
}
else if (sum
< MostNeg)
{
Areg
′← sum + 2BitsPerWord
IntegerOverflow
}
else
Areg
′← sum
Breg
′← undefined
Creg
′← undefined
where
sum
= Areg + Breg + Creg
0
– the value of sum is calculated to unlimited precision
Error signals:
IntegerOverflow can be signalled.
Comments:
Secondar y instruction.
See also:
lsum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More