Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2200325. Fiches technique(PDF) 2 Page - PHOENIX CONTACT

No de pièce 2200325.
Description  Feed-through header - MSTBO 2,5/ 4-G1PL GY7035 - 2200325
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200325. Fiches technique(HTML) 2 Page - PHOENIX CONTACT

  2200325. Datasheet HTML 1Page - PHOENIX CONTACT 2200325. Datasheet HTML 2Page - PHOENIX CONTACT 2200325. Datasheet HTML 3Page - PHOENIX CONTACT 2200325. Datasheet HTML 4Page - PHOENIX CONTACT 2200325. Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/za/products/2200325
07/10/2020   Page 2 / 5
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035 - 2200325
Technical data
General
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
16 A
Maximum load current
16 A
Insulating material
PA
Flammability rating according to UL 94
V0
Color
light gray
Number of positions
4
Standards and Regulations
Connection in acc. with standard
EN-VDE
CUL
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 10.0.1
27440402
eCl@ss 4.0
27260700
eCl@ss 4.1
27260700
eCl@ss 5.0
27260700
eCl@ss 5.1
27260700
eCl@ss 6.0
27260700
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
eCl@ss 9.0
27440402
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC002637
ETIM 5.0
EC002637
ETIM 6.0
EC002637
ETIM 7.0
EC002637



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com