Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2200325. Fiches technique(PDF) 5 Page - PHOENIX CONTACT

No de pièce 2200325.
Description  Feed-through header - MSTBO 2,5/ 4-G1PL GY7035 - 2200325
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200325. Fiches technique(HTML) 5 Page - PHOENIX CONTACT

  2200325. Datasheet HTML 1Page - PHOENIX CONTACT 2200325. Datasheet HTML 2Page - PHOENIX CONTACT 2200325. Datasheet HTML 3Page - PHOENIX CONTACT 2200325. Datasheet HTML 4Page - PHOENIX CONTACT 2200325. Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
https://www.phoenixcontact.com/za/products/2200325
07/10/2020   Page 5 / 5
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035 - 2200325
Accessories
Printed-circuit board connector - MSTBT 2,5 HC/ 4-STP GY7035 - 2200332
PCB connector, number of positions: 4, pitch: 5 mm, color: light gray, contact surface: Tin
 
 
Printed-circuit board connector - PSPT 2,5/ 4-ST KMGY - 2202344
PCB connector, nominal current: 16 A, rated voltage (III/2): 300 V, nominal cross section: 2.5 mm², number of
positions: 4, pitch: 5 mm, connection method: Push-in spring connection, color: light gray, contact surface: Tin, Color
of the spring lever: orange
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com