Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2200325. Fiches technique(PDF) 4 Page - PHOENIX CONTACT

No de pièce 2200325.
Description  Feed-through header - MSTBO 2,5/ 4-G1PL GY7035 - 2200325
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200325. Fiches technique(HTML) 4 Page - PHOENIX CONTACT

  2200325. Datasheet HTML 1Page - PHOENIX CONTACT 2200325. Datasheet HTML 2Page - PHOENIX CONTACT 2200325. Datasheet HTML 3Page - PHOENIX CONTACT 2200325. Datasheet HTML 4Page - PHOENIX CONTACT 2200325. Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/za/products/2200325
07/10/2020   Page 4 / 5
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035 - 2200325
Approvals
cULus Recognized 
  http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19931012
 
B
D
Nominal voltage UN
300 V
300 V
Nominal current IN
15 A
10 A
Accessories
Accessories
Coding element
Coding section - CR MSTBO-G1 - 2199618
Coding section, inserted into the recess in the header or the inverted plug, red insulating material
 
 
Filler plug
Accessories - MSTB-BL - 1755477
Keying cap, for forming sections, plugs onto header pin, green insulating material
 
 
Flange
Accessories - MSTB-BF - 1759981
Mounting flange, for fixing both ends of the header onto the PCB, green insulating material, with M 2 x 14 screws and
nuts.
 
 
Necessary add-on products



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com