Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2200325. Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce 2200325.
Description  Feed-through header - MSTBO 2,5/ 4-G1PL GY7035 - 2200325
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200325. Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  2200325. Datasheet HTML 1Page - PHOENIX CONTACT 2200325. Datasheet HTML 2Page - PHOENIX CONTACT 2200325. Datasheet HTML 3Page - PHOENIX CONTACT 2200325. Datasheet HTML 4Page - PHOENIX CONTACT 2200325. Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/za/products/2200325
07/10/2020   Page 1 / 5
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035 - 2200325
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, number of positions: 4, pitch: 5 mm, color: light gray, contact surface: Tin, pin layout: Linear
pinning, Article with lateral pin exit
Your advantages
 Headers and plugs for ME and ME MAX electronics housing
 Plug-in direction orthogonal to the PCB
 5 mm pitch
 2 to 4-pos.
 Touch proof
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356566315
Weight per Piece (excluding packing)
2.850 g
Custom tariff number
85366930
Country of origin
Poland
Technical data
Dimensions
Pitch
5 mm
Dimension a
15 mm
Pin spacing
5.00 mm
General
Range of articles
MSTBO 2,5/..-G1PL
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV


Numéro de pièce similaire - 2200325.

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2200325 PHOENIX-2200325 Datasheet
81Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035
More results

Description similaire - 2200325.

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2907800 PHOENIX-2907800 Datasheet
80Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1R BU
1980653 PHOENIX-1980653 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PR GY7035
2200325 PHOENIX-2200325 Datasheet
81Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035
2200328 PHOENIX-2200328 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PL GY7035
2200329 PHOENIX-2200329 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PR GY7035
2200485 PHOENIX-2200485 Datasheet
52Kb / 3P
Printed-circuit board connector - MSTBO 2,5/ 4-G1PL BK
2907790 PHOENIX-2907790 Datasheet
81Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1L BU
1847136 PHOENIX-1847136 Datasheet
176Kb / 11P
Feed-through header - MSTBO 2,5/ 5-GR-5,08
09/12/2020
2854568 PHOENIX-2854568 Datasheet
59Kb / 2P
Feed-through header - MSTBO 2,5/ 4-G1R GY
12/16/2018
2854788 PHOENIX-2854788 Datasheet
129Kb / 9P
Feed-through header - MSTBO 2,5/ 2-G1L KMGY
09/12/2020
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com