Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L191 Fiches technique(PDF) 10 Page - Honeywell Solid State Electronics Center

No de pièce L191
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 Fiches technique(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button L191 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 11Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 12Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 13Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 14Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10 sensing.honeywell.com
NT Series
NT (FLAT BASE) 3-POSITION ORDER GUIDE
Circuits Made with Toggle At:
Catalog Listing (Standard Lever)
No. of
poles
Keyway Position
Center Position
Opposite
Keyway
UL Rating
Code
Elect. Rating
Code
Quick Connect
1
1-2
OFF
2-3
L191
1
31NT91-1
1-2**
OFF
2-3
L192
2
31NT91-5
1-2**
OFF
2-3**
L192
2
31NT91-7
NONE***
OFF
2-3
L191
1
31NT91-21
NONE***
1-2
2-3
L191
1
31NT91-31
NONE***
1-2
2-3**
L192
2
31NT91-51
1-2**
OFF
NONE***
L192
2
31NT91-61
2
1-2, 4-5
OFF
2-3, 5-6
L191
3
32NT91-1
1-2, 4-5**
OFF
2-3, 5-6
L192
4
32NT91-5
1-2, 4-5**
OFF
2-3, 5-6**
L192
4
32NT91-7
NONE***
OFF
2-3, 5-6
L191
3
32NT91-21
NONE***
1-2, 4-5
2-3, 5-6
L191
3
32NT91-31
NONE***
1-2, 4-5
2-3, 5-6**
L192
4
32NT91-51
1-2, 4-5**
OFF
NONE***
L192
4
32NT91-61
1-2, 4-5
2-3, 5-6
2-3, 5-6
L191
3
32NT91-12
1-2, 4-5
1-2, 5-6
2-3, 5-6
L191
3
32NT91-10
1-2, 4-5**
1-2, 5-6
2-3, 5-6
L192
4
32NT91-50
1-2, 4-5**
1-2, 5-6
2-3, 5-6**
L192
4
32NT91-70
** These positions are momentary. All others are maintained.
*** Toggle lever is blocked from these positions. Toggle becomes 2-position, with center being one extreme position.
NT (FLAT BASE) 3-POSITION ORDER GUIDE • PANEL STAND-OFF FEATURE
Circuits Made with Toggle At:
Catalog Listing (Standard Lever)
No. of
poles
Keyway Position
Center Position
Opposite
Keyway
UL Rating
Code
Elect. Rating
Code
Quick Connect
1
1-2**
OFF
2-3**
L192
2
631NT91-7
1-2
OFF
2-3
L191
1
631NT91-1
1-2**
OFF
2-3
L191
2
631NT91-5
2
1-2, 4-5
OFF
2-3, 5-6
L191
3
632NT91-1
1-2, 4-5**
OFF
2-3, 5-6
L192
4
632NT91-5
1-2, 4-5**
OFF
2-3, 5-6**
L192
4
632NT91-7
1-2, 4-5**
1-2, 5-6
2-3, 5-6**
L192
4
632NT91-70
** These positions are momentary. All others are maintained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17