Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L191 Fiches technique(PDF) 7 Page - Honeywell Solid State Electronics Center

No de pièce L191
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 Fiches technique(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button L191 Datasheet HTML 3Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 4Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 5Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ Commercial-Grade Toggle Switches
NT (STEP BASE) 2-POSITION ORDER GUIDE
Circuits Made with Toggle At:
Catalog Listing (Standard Lever)
Pull-To-
Unlock Lever
(Add suffix to
Standard Lever
Listing)**
No. of
poles
Keyway Position
Opposite Keyway
UL Rating
Code
Elect.
Rating
Code
Screw
Solder
Quick
Connect
1
OFF
2-3
L191
1
1NT1-2
11NT1-2
1NT91-2
D, F, G
1-2
2-3
L191
1
1NT1-3
11NT1-3
1NT91-3
D, F, G
OFF*
2-3
L192
2
1NT1-4
11NT1-4
1NT91-4
F
1-2*
OFF
L192
2
1NT1-6
11NT1-6
1NT91-6
F
1-2*
2-3
L192
2
1NT1-8
11NT1-8
1NT91-8
F
2
OFF
2-3, 5-6
L191
3
2NT1-2
12NT1-2
2NT91-2
D, F, G
1-2, 4-5
2-3, 5-6
L191
3
2NT1-3
12NT1-3
2NT91-3
F
OFF*
2-3, 5-6
L192
4
2NT1-4
12NT1-4
2NT91-4
F
1-2, 4-5*
OFF
L192
4
2NT1-6
12NT1-6
2NT91-6
D, F, G
1-2, 4-5*
2-3, 5-6
L192
4
2NT1-8
12NT1-8
2NT91-8
F
4
OFF
2-3, 5-6, 8-9, 11-12
L191
5
4NT1-2
14NT1-2
4NT91-2
D, F, G
1-2, 4-5, 7-8, 10-11 2-3, 5-6, 8-9, 11-12
L191
5
4NT1-3
14NT1-3
4NT91-3
F
OFF*
2-3, 5-6, 8-9, 11-12
L192
6
4NT1-4
14NT1-4
4NT91-4
F
1-2, 4-5, 7-8, 10-
11*
OFF
L192
6
4NT1-6
14NT1-6
4NT91-6
D, F, G
1-2, 4-5, 7-8, 10-
11*
2-3, 5-6, 8-9, 11-12
L192
6
4NT1-8
14NT1-8
4NT91-8
F
* These positions are momentary. All others are maintained.
** See page 17 for locking configurations.
NT (STEP BASE) 2-POSITION ORDER GUIDE • PANEL STAND-OFF FEATURE
Circuits Made with Toggle At:
Catalog Listing (Standard Lever)
No. of
poles
Keyway Position
Opposite Keyway
UL Rating
Code
Elect. Rating
Code
Screw Terminals
1
OFF
2-3
L191
1
61NT1-2
1-2
2-3
L191
1
61NT1-3
1-2*
OFF
L192
2
61NT1-6
1-2*
2-3
L192
2
61NT1-8
2
OFF
2-3, 5-6
L191
3
62NT1-2
1-2, 4-5
2-3, 5-6
L191
3
62NT1-3
1-2, 4-5*
OFF
L192
4
62NT1-6
1-2, 4-5*
2-3, 5-6
L192
4
62NT1-8
*These positions are momentary. All others are maintained.
NT (STEP BASE) 3-POSITION ORDER GUIDE • PANEL STAND-OFF FEATURE
Circuits Made with Toggle At:
Catalog Listing (Standard Lever)
No. of
poles
Keyway Position
Center Position
Opposite
Keyway
UL Rating
Code
Elect. Rating
Code
Screw Terminals
1
1-2
OFF
2-3
L191
1
61NT1-1
1-2*
OFF
2-3*
L192
2
61NT1-7
2
1-2, 4-5
OFF
2-3, 5-6
L191
3
62NT1-1
1-2, 4-5*
OFF
2-3, 5-6*
L192
4
62NT1-7
*These positions are momentary. All others are maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17