Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L191 Fiches technique(PDF) 4 Page - Honeywell Solid State Electronics Center

No de pièce L191
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 Fiches technique(HTML) 4 Page - Honeywell Solid State Electronics Center

  L191 Datasheet HTML 1Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 2Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 3Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 4Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 5Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4 sensing.honeywell.com
AERIAL PLATFORM LIFTS
Momentary toggles are used to operate the movement of aerial platform lifts. Toggle
can be used to raise & lower, extend & retract and rotate platform or outriggers.
PLATFORM LIFTS FOR TRUCKS
Used to fold/unfold and raise/lower from a lift gate’s control panel.
INDUSTRIAL EQUIPMENT
Used in the control panel of overhead cranes and factory floor equipment.
RAILROAD LOCOMOTIVES AND MAINTENANCE EQUPMENT
Designed into control panels often found in locomotives, rail grinders, tie removal,
ballast spreaders, and tampers.
CONSTRUCTION EQUIPMENT
Used to operate movement of machinery and/or turn on lights, pumps, etc. in road
milling, road pavers, trenchers, stump cutting and other construction and mining
equipment. Also widely used for remote control of concrete pumping and drilling
machines.
AGRICULTURAL MACHINERY
Used in control panels for harvesting equipment, grain handlers, and grain dryers.
Potential Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17