Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L191 Fiches technique(PDF) 9 Page - Honeywell Solid State Electronics Center

No de pièce L191
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 Fiches technique(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button L191 Datasheet HTML 5Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 11Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 12Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 13Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
sensing.honeywell.com
MICRO SWITCH™ Commercial-Grade Toggle Switches
NT (FLAT BASE) 2-POSITION ORDER GUIDE
Circuits Made with Toggle At:
Catalog Listing
No. of
poles
Keyway Position
Opposite Keyway
UL Rating Code
Elect. Rating
Code
Quick Connect
1
OFF
2-3
L191
1
31NT91-2
1-2
2-3
L191
1
31NT91-3
OFF**
2-3
L192
2
31NT91-4
1-2**
OFF
L192
2
31NT91-6
1-2**
2-3
L192
2
31NT91-8
2
OFF
2-3, 5-6
L191
3
32NT91-2
1-2, 4-5
2-3, 5-6
L191
3
32NT91-3
OFF**
2-3, 5-6
L192
4
32NT91-4
1-2, 4-5**
OFF
L192
4
32NT91-6
1-2, 4-5**
2-3, 5-6
L192
4
32NT91-8
** These positions are momentary. All others are maintained.
NT (FLAT BASE) 2-POSITION ORDER GUIDE • PANEL STAND-OFF FEATURE
Circuits Made with Toggle At:
Catalog Listing (Standard Lever)
No. of
poles
Keyway Position
Opposite Keyway
UL Rating
Code
Elect. Rating
Code
Quick Connect
1
OFF
2-3
L191
1
631NT91-2
1-2**
2-3
L191
1
631NT91-3
OFF
2-3
L192
2
631NT91-4
1-2**
OFF
L192
2
631NT91-6
1-2**
2-3
L192
2
631NT91-8
2
OFF
2-3, 5-6
L191
3
632NT91-2
1-2, 4-5
2-3, 5-6
L191
3
632NT91-3
OFF**
2-3, 5-6
L192
4
632NT91-4
1-2, 4-5**
OFF
L192
4
632NT91-6
1-2, 4-5**
2-3, 5-6
L192
4
632NT91-8
**These positions are momentary. All others are maintained
MATING CONNECTORS ORDER GUIDE
Catalog listing
Description
19PA168-NT
2-pole connector
19PA169-NT
1-pole connector, same package size as 2-pole connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17