Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP17 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce TMP17
Description  Low Cost, Current Output Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP17 Fiches technique(HTML) 3 Page - Analog Devices

  TMP17 Datasheet HTML 1Page - Analog Devices TMP17 Datasheet HTML 2Page - Analog Devices TMP17 Datasheet HTML 3Page - Analog Devices TMP17 Datasheet HTML 4Page - Analog Devices TMP17 Datasheet HTML 5Page - Analog Devices TMP17 Datasheet HTML 6Page - Analog Devices TMP17 Datasheet HTML 7Page - Analog Devices TMP17 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
–3–
Typical Performance Characteristics–TMP17
TEMPERATURE – C
6
–6
–50
125
–25
025
5075
100
4
2
0
–2
–4
5
3
1
–1
–3
–5
V+ = +5V
5
4
3
1
2
MAX LIMIT
MIN LIMIT
TPC 1. Accuracy vs. Temperature
TIME – sec
100
80
0
030
5
10
15
20
25
60
40
20
90
70
50
30
10
V+ = +5V
SOIC PACKAGE
SOLDERED TO
0.5"
0.3" Cu PCB
TPC 2. Thermal Response in Stirred Oil Bath
AIR VELOCITY – FPM
60
0
0
600
100
200
300
400
500
50
40
30
20
10
TRANSITION FROM
100 C STIRRED
BATH TO FORCED
25 C AIR
V
=
5V
SOIC PACKAGE SOLDERED
TO 0.5“
0.3” Cu PCB
TPC 3. Thermal Time Constant in Forced Air
SUPPLY VOLTAGE – V
500
400
0
06
1
2345
300
200
100
450
350
250
150
50
TA = +105 C
TA = +25 C
TA = –40 C
CONSTANT IOUT UP TO 30V
IOUT = 378 A
IOUT = 298 A
IOUT = 233 A
TPC 4. V-I Characteristics
10
0%
2µs
200mV
100
90
VIN = 0V TO 5V
RL = 1k
TA = 25 C
TPC 5. Output Turn-On Settling Time



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com