Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP17 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce TMP17
Description  Low Cost, Current Output Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP17 Fiches technique(HTML) 7 Page - Analog Devices

  TMP17 Datasheet HTML 1Page - Analog Devices TMP17 Datasheet HTML 2Page - Analog Devices TMP17 Datasheet HTML 3Page - Analog Devices TMP17 Datasheet HTML 4Page - Analog Devices TMP17 Datasheet HTML 5Page - Analog Devices TMP17 Datasheet HTML 6Page - Analog Devices TMP17 Datasheet HTML 7Page - Analog Devices TMP17 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
TMP17
–7–
RHIGH and RLOW determine the limits of temperature controlled
by the potentiometer RSET. The circuit shown operates over the
temperature range –25 C to +105 C. The reference maintains a
constant set point voltage and ensures that approximately 7 V
appear across the sensor. If it is necessary to guardband for
extraneous noise, hysteresis can be added by tying a resistor
from the output to the ungrounded end of RLOW.
Multiple remote temperatures can be measured using several
TMP17s with a CMOS multiplexer or a series of 5 V logic gates
because of the device’s current-mode output and supply-voltage
compliance range. The on resistance of a FET switch or output
impedance of a gate will not affect the accuracy, as long as 4 V
is maintained across the transducer. Muxes and logic driving
circuits should be chosen to minimize leakage current related
errors. Figure 13 illustrates a locally controlled mux switching
the signal current from several remote TMP17s. CMOS or TTL
gates can also be used to switch the TMP17 supply voltages,
with the multiplexed signal being transmitted over a single twisted
pair to the load.
–
T1
+
–15V
TTL DTL TO
CMOS I/O
EN
CHANNEL
SELECT
AD7501
10k
VOUT
S1
S2
S8
+15V
REMOTE
TMP17s
–
T2
+
–
T8
+
Figure 13. Remote Temperature Multiplexing
To minimize the number of muxes required when a large number
of TMP17s are being used, the circuit can be configured in a
matrix. That is, a decoder can be used to switch the supply voltage
to a column of TMP17s while a mux is used to control which
row of sensors is being measured. The maximum number of
TMP17s that can be used is the product of the number of channels
of the decoder and mux.
An example circuit controlling 80 TMP17s is shown in Figure 14.
A 7-bit digital word is all that is required to select one of the
sensors. The enable input of the multiplexer turns all the sensors
off for minimum dissipation while idling.
EN
VOUT
10k
+15V
–15V
ROW
SELECT
4028 BCD TO DECIMAL DECODER
COLUMN
SELECT
+15V
80–TMP17s
Figure 14. Matrix Multiplexer
To convert the TMP17 output to
°C or °F, a single inexpensive
reference and op amp can be used as shown in Figure 15. Although
this circuit is similar to the two temperature trim circuit shown
in Figure 5, there are two important differences. First, the gain
resistor is fixed, alleviating the need for an elevated temperature
trim. Acceptable accuracy can be achieved by choosing an inex-
pensive resistor with the correct tolerance. Second, the TMP17
calibration error can be trimmed out at a known convenient
temperature (e.g., room temperature) with a single potentiometer
adjustment. This step is independent of the gain selection.
–
+
–
TMP17
OP196
RGAIN
VOUT = 100mV/( C OR F)
+5V
V–
ROFFSET/R GAIN
RCAL
R
ROFFSET
2.5V
REF43
ROFFSET
9.1k
9.8k
RGAIN
100k
180k
C
F
+
Figure 15. Celsius or Fahrenheit Thermometer



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com