Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP17 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce TMP17
Description  Low Cost, Current Output Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP17 Fiches technique(HTML) 6 Page - Analog Devices

  TMP17 Datasheet HTML 1Page - Analog Devices TMP17 Datasheet HTML 2Page - Analog Devices TMP17 Datasheet HTML 3Page - Analog Devices TMP17 Datasheet HTML 4Page - Analog Devices TMP17 Datasheet HTML 5Page - Analog Devices TMP17 Datasheet HTML 6Page - Analog Devices TMP17 Datasheet HTML 7Page - Analog Devices TMP17 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
–6–
The circuit in Figure 8 demonstrates a method in which a voltage
output can be derived in a differential temperature measurement.
–
+
–
TMP17
+
–V
OP196
10k
VOUT = (T1 – T2 )
(10mV/ C)
10k
5M
R1
50k
+V
+
–
TMP17
Figure 8. Differential Measurements
R1 can be used to trim out the inherent offset between the two
devices. By increasing the gain resistor (10 k
Ω), temperature mea-
surements can be made with higher resolution. If the magnitude
of V1 and V2 is not the same, the difference in power consumption
between the two devices can cause a differential self-heating error.
Cold junction compensation (CJC) used in thermocouple signal
conditioning can be implemented using a TMP17 in the circuit
configuration of Figure 9. Expensive simulated ice baths or hard
to trim, inaccurate bridge circuits are no longer required.
+
–
TMP17
OP193
+7.5V
RG1
RG2
(1k )
100k
10k
1k
REFERENCE
JUNCTION
Cu
Cu
R
MEASURING
JUNCTION
2.5V
REF43
VOUT
THERMOCOUPLE
TYPE
J
K
T
E
S
R
APPROX.
R VALUE
52
41
41
61
6
6
Figure 9. Thermocouple Cold Junction Compensation
The circuit shown can be optimized for any ambient temperature
range or thermocouple type by simply selecting the correct value
for the scaling resistor R. The TMP17 output (1
µA/K)
R
should approximate the line best fit to the thermocouple curve
(slope in V/ C) over the most likely ambient temperature range.
Additionally, the output sensitivity can be chosen by selecting
the resistors RG1 and RG2 for the desired noninverting gain. The
offset adjustment shown simply references the TMP17 to C. Note
that the TC of the reference and the resistors are the primary
contributors to error. Temperature rejection of 40 to 1 can be
easily achieved using the above technique.
Although the TMP17 offers a noise immune current output, it
is not compatible with process control/industrial automation
current loop standards. Figure 10 is an example of a temperature
to 4–20 mA transmitter for use with 40 V, 1 k
Ω systems.
In this circuit the 1
µA/K output of the TMP17 is amplified to
1 mA/
°C and offset so that 4 mA is equivalent to 17°C and 20 mA
is equivalent to 33
°C. RT is trimmed for proper reading at an
intermediate reference temperature. With a suitable choice of
resistors, any temperature range within the operating limits of
the TMP17 may be chosen.
RT
5k
35.7k
12.7k
10
10k
C
10mV/ C
+
–
REF01E
–
TMP17
+
5k
500
OP97
1mA/ C
17 C
4mA
33 C
20mA
–20V
+–
VT
+20V
Figure 10. Temperature to 4 –20 mA Current Transmitter
Reading temperature with a TMP17 in a microprocessor based
system can be implemented with the circuit shown in Figure 11.
–
+
–
TMP17
+
OP196
RGAIN
VOUT = 100mV/( C OR F)
+5V
V–
ROFFSET/R GAIN
RCAL
R
ROFFSET
2.5V
REF43
ROFFSET
9.1k
9.8k
RGAIN
100k
180k
C
F
Figure 11. Temperature to Digital Output
By using a differential input A/D converter and choosing the current
to voltage conversion resistor correctly, any range of temperatures
(up to the 145 C span the TMP17 is rated for) centered at any
point can be measured using a minimal number of components.
In this configuration, the system will resolve up to 1 C.
A variable temperature controlling thermostat can easily be built
using the TMP17 in the circuit in Figure 12.
RSET
10k
C
REF01E
–
TMP17
+
AD790
COMPARATOR
RHYST
(OPTIONAL)
RLOW
27.3k
RHIGH
62.7k
10V
10k
C
+15V
TEMP > SETPOINT
OUTPUT HIGH
TEMP < SETPOINT
OUTPUT LOW
RPULL-UP
Figure 12. Variable Temperature Thermostat
TMP17



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com