Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP17 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce TMP17
Description  Low Cost, Current Output Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP17 Fiches technique(HTML) 2 Page - Analog Devices

  TMP17 Datasheet HTML 1Page - Analog Devices TMP17 Datasheet HTML 2Page - Analog Devices TMP17 Datasheet HTML 3Page - Analog Devices TMP17 Datasheet HTML 4Page - Analog Devices TMP17 Datasheet HTML 5Page - Analog Devices TMP17 Datasheet HTML 6Page - Analog Devices TMP17 Datasheet HTML 7Page - Analog Devices TMP17 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
(VS = 5.0 V, –40 C
≤ TA ≤ 105 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ACCURACY
TMP17F
TA = 25 C
1
±2.5
C
TMP17G
TA = 25 C
1
±3.5
C
TMP17F
Over Rated Temperature
±3.5
C
TMP17G
Over Rated Temperature
±4.5
C
POWER SUPPLY REJECTION RATIO
4 V < VS < 5 V
PSRR
0.5
C/V
5 V < VS < 15 V
PSRR
0.3
C/V
15 V < VS < 30 V
PSRR
0.3
C/V
Nonlinearity
Over Rated Temperature
2
0.5
C
OUTPUT
Nominal Current Output
TA = 25 C (298.2 K)
298.2
µA
Scale Factor
Over Rated Temperature
1
µA/ C
Repeatability
Note 3
0.2
C
Long Term Stability
TA = 150 C for 500 Hrs
4
0.2
C/month
POWER SUPPLY
Supply Range
+VS
430
V
NOTES
1An external calibration trim can be used to zero the error @ 25 C.
2Defined as the maximum deviation from a mathematically best fit line.
3Maximum deviation between 25 C readings after a temperature cycle between –40 C and +105 C. Errors of this type are noncumulative.
4Operation at 150 C. Errors of this type are noncumulative.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 30 V
Operating Temperature Range . . . . . . . . . . . –40 C to +105 C
Maximum Forward Voltage (1 to 2) . . . . . . . . . . . . . . . . . 44 V
Maximum Reverse Voltage (2 to 1) . . . . . . . . . . . . . . . . . . 20 V
Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 175 C
Storage Temperature Range . . . . . . . . . . . . . –65 C to +160 C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300 C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation at
or above this specification is not implied. Exposure to the above maximum rating
conditions for extended periods may affect device reliability.
TEMPERATURE SCALE CONVERSION EQUATIONS
K
+223
+273
+298
+323
+373
+423
C
–50
0
+25
+50
+100
+150
F –100
0
+100
+200
+300
+32
+70
+212
C =
( F – 32)
F =
C + 32
K = C + 273.15
5
9
9
5
METALLIZATION DIAGRAM
V+
V–
62mils
37mils
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
TMP17 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
TMP17F/G–SPECIFICATIONS
ORDERING GUIDE
Max Cal
Max Error Nonlinearity
Error
–40 C to
–40 C to
Package
Model
@ +25 C
+105 C
+105 C
Option
TMP17FS
2.5 C
3.5 C
0.5 CR-8
TMP17GS 3.5 C
4.5 C
0.5 CR-8



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com