Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD115D-SF Fiches technique(PDF) 7 Page - Panasonic Semiconductor

No de pièce TD115D-SF
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TD115D-SF Fiches technique(HTML) 7 Page - Panasonic Semiconductor

Back Button TD115D-SF Datasheet HTML 3Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 4Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 5Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 6Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 7Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 8Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 9Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 10Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
T15
1
ds_62001_0106_en_t15: 010314J
ASSORTMENT
Remarks: *1: Only standard type
*2: Only wire leads type
15A HIGH SNAP SWITCHES
TOGGLE, ROCKER AND
PUSH-BUTTON TYPES
T-15 SERIES
SWITCHES
Kind of actuator
Standard
type
Sealed type
Number of pole
Shape of terminal
Panel-
sealed
type
Terminal-
sealed
type
Wire leads
type
1P
2P
3P
4P
Solder
terminal
Screw
terminal
.250 Quick-
connect
terminal
Wire lead
Toggle type
Available
Available
Available
Available
Available
Available
Available*1 Available*1
Available
Available
Available*1 Available*2
Rocker type
Available
Available
Available
Available
Available
Available
—
—
Available
Available
—
Available*2
Push-button type
Available
Available
—
—
Available
Available
—
—
Available
Available
—
—
Products marked
are discontinued as of September 30, 2014
FEATURES
1. Series now includes rocker and
push-button switches.
Based on the well-established T-15
Series switch, the mechanism is kept as
is and a rocker type and push-button type
have been added to the series. (Note that
the push-button type is rated at 10 A.)
2. Sealed type added for use in
different environments.
Packing is used where parts join and an
O-ring is used to seal moving parts. New
to the series, this type can be used in
harsh environments such as those with
water, oil, dust, and gas.
• Panel-sealed type
Entry of water, oil, dust and gas from the
front of the panel is prevented.
(Panel front: IP67*; Inside of panel: IP40)
• Terminal-sealed type
Both switch body and terminals have
been sealed to protect from dust and gas
that enters from the panel.
(panel front: IP67*; inside of panel: IP60)
• Wire lead type
Furthermore, a cover is provided for the
terminals to keep out water and oil that
enters from the panel.
(panel front: IP67*; inside of panel: IP67)
Remark: The asterisk in “Panel front: IP67*” means
this only applies to toggle and push-button
types.
The panel surface for the rocker type is IP64.
Please see NOTES 1 and 2 regarding use of
the sealed type.
3. Rubber cap also available in silicon
type for excellent weather resistance.
• 5 colors available so you can distinguish
switches by purpose.
<Example>
Black: For main power supply
Gray: For setting and switching
Red: For resetting
• With a usable ambient temperature
range of –25
C to +85C, use is
possible in environments that require
resistance against heat and cold.
12 dia.
Square
hole
Toggle
Push-
button
Rocker
Prevention of water, oil,
dust, and gases from
entering through the
panel with O-rings
Sealing the joint part
of switch body with
packing rubber.
Terminal area is sealed
with epoxy resin.
Sealing with a cover
and epoxy resin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com