Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD115D-SF Fiches technique(PDF) 22 Page - Panasonic Semiconductor

No de pièce TD115D-SF
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TD115D-SF Fiches technique(HTML) 22 Page - Panasonic Semiconductor

Back Button TD115D-SF Datasheet HTML 16Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 17Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 18Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 19Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 20Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 21Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 22Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 23Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 24Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
T15
16
ds_62001_0106_en_t15: 010314J
2. Rocker type
3. Push-button type
Remark: For panel installations of standard type, be use to use the back hex nut.
Type
Standard type
Panel-sealed, Terminal-sealed and Wire leads types
Panel cutout
(mm)
Panel thickness
Max. 4.5 mm
1.2 to 3.2 mm
Type
Standard type
Panel-sealed type
Panel cutout
(mm)
Panel thickness
Momentary, 1-pole:
Max. 10 mm
Momentary, 2-pole:
Max. 6.5 mm
Alternate: Max. 6.5 mm
Momentary, 1-pole:
Max. 10 mm
Momentary, 2-pole:
Max. 7.5 mm
Alternate: Max. 7.5 mm
(without keying washer)
Momentary, 1-pole:
Max. 11 mm
Momentary, 2-pole:
Max. 7.5 mm
Alternate: Max. 7.5 mm
(without keying washer)
Max. 4 mm
Max. 4 mm
(without keying washer)
2-3.50.1 dia.
380.3
28+0.3
0
14.5+0.3
0
1 pole
2-pole
34.20.1
34.20.1
17.20.1
22.20.1
12.5 dia.
3 dia.
9
12.5 dia.
12.3 dia.
11.5
1.5
12.5 dia.
11.2
12.5 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com