Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD115D-SF Fiches technique(PDF) 21 Page - Panasonic Semiconductor

No de pièce TD115D-SF
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TD115D-SF Fiches technique(HTML) 21 Page - Panasonic Semiconductor

Back Button TD115D-SF Datasheet HTML 16Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 17Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 18Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 19Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 20Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 21Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 22Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 23Page - Panasonic Semiconductor TD115D-SF Datasheet HTML 24Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
T15
15
ds_62001_0106_en_t15: 010314J
PUSH-BUTTON TYPE DIMENSIONS (mm) (general tolerance: 0.5)
MOUNTING DIMENSIONS
Remark: For panel installations of standard type, be use to use the back hex nut.
Type
Panel-sealed, Terminal-sealed
and Wire leads types
Panel cutout
(mm)
Panel thickness
Max. 4 mm
Max. 4 mm
(without keying washer)
1. Standard type
• Solder terminal, Momentary
29
15.8
33
17.3
23.7
6
Keyway
4.7
M12x1
13.2 dia.
9
26.9
6
Keyway
14
4.7
9
15.9
13.2 dia.
M12x1
1-pole
2-pole
19.5
• Solder terminal, Alternate
M12x1
29
15.8
6
32.4
Keyway
14
5.9
17.1
9
13.2 dia.
M12x1
33
6
32.4
Keyway
14
5.9
9
17.1
13.2 dia.
1-pole
2-pole
19.5
• Screw terminal (M3.5)
Dimensions other than listed below are
same as those of solder terminal type.
29
15.8
9.3
33
19.5
9.3
1-pole
2-pole
2. Panel-sealed type
• Solder terminal, Momentary
29
15.8
33
17.7
23.7
15.9
6
D cut
4.3
7.5
13.2 dia.
9
26.9
6
M12x1
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12x1
1-pole
2-pole
19.5
• Solder terminal, Alternate
29
15.8
6
32.4
33
6
32.4
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12x1
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12x1
1-pole
2-pole
19.5
• Screw terminal (M3.5)
Dimensions other than listed below are
same as those of solder terminal type.
29
15.8
9.3
33
19.5
9.3
1-pole
2-pole
1. Toggle type
Type
Standard type
Panel cutout
(mm)
Panel thickness
Max. 4.6 mm
Max. 5.6 mm
(without keying washer)
Max. 5.6 mm
(without keying washer)
12.5 dia.
3
dia.
+0.2
0
9.20.1
12.5 dia.
12.3 dia.
11.5
1.5
Front hex nut
Keying washer
Lock washer
Back hex nut
12.5 dia.
11.2
12.5 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com