Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THAT2252 Fiches technique(PDF) 6 Page - THAT Corporation All rights reserved.

No de pièce THAT2252
Description  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THAT [THAT Corporation All rights reserved.]
Site Internet  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 Fiches technique(HTML) 6 Page - THAT Corporation All rights reserved.

Back Button THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 10Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
production of positive-half input signals. The base
of Q2 is brought out to pin 4 in order to allow ad-
justment for mismatches between these transis-
tors and for the input offset voltage of OA1. Pin 4
should be connected to a variable low-impedance
voltage source capable of supplying a few millivolts
(VSYM). The base of Q1 is connected to its collector
through a 20
Ω resistor to allow matching between
the base impedances of Q1 and Q2. A 20
Ω source
should be used at pin 4 for optimum matching.
Input Bias Currents and Voltages
OA1 will rectify any currents flowing in its feed-
back network, including the bias current of OA1 it-
self. Input signals below OA1’s bias current will be
obscured, with a steady dc output “floor” the re-
sult. The input bias compensation for OA1 largely
cancels OA1’s bias current, improving low-level
performance. Even if overcompensated, any uncor-
rected bias current (positive or negative) in OA1
results in a limit to the low-level resolution of the
2252.
Any dc offset voltage at pin 1 will cause dc input
currents to flow if the input is dc coupled. The dc
offset at pin 1 is typically 8 mV, so the input
should be ac coupled (as shown in Figure 4) for
most applications. If low-level performance is not
required, dc coupling may be used without further
modifications to the application circuits. However,
dc coupling and good low-level performance are
possible with additional external circuitry, as de-
scribed in the section on DC Measurements on
Page 9.
Positive equivalent input bias current in OA2 (after
correction) will also add to the output level read-
ing. This is because the equivalent input bias cur-
rent is supplied through Q4 and Q5, which adds to
the dc level at the output of OA2. OA2, like OA1,
has input bias compensation. While generally ex-
tending low-level performance, the compensation
can cause OA2’s net input bias requirement to be-
come negative, tending to reverse bias Q4 and Q5.
The circuit of Figure 4 uses a 22 M
Ω resistor, Rf,
to supply increasing dc input current as the 2252
output drops. This forces current to flow in Q2,
which overwhelms any negative input bias at OA2
and prevents the current in Q4 and Q5 from re-
versing.
Rf is responsible for the flattening of the low-level
response shown in Figure 6 (Page 5). The feed-
back current provided enforces a lower limit to the
resolvable input current. Without this feedback,
those 2252s where the OA2 input bias is
overcorrected will exhibit a sharp downward swing
in output level at low input signals (see Figure 8).
For many applications, such low-level response is
not necessary. In such cases, Rf may be deleted, as
shown in Figure 11. See further discussion of this
subject in Output Considerations, (Page 8).
Applications
The intended purpose of the 2252 is to compute
the log of the time-weighted root-mean-square of
an input current signal. Several practical consider-
ations apply when attempting to make full use of
the 100 dB dynamic range of the device.
Input Considerations
The 2252 input is intended to accept a current: as
is clear from Figure 3 (page 3), pin 1 is a summing
junction supplied with internal negative feedback.
Maximum input current is on the order of 1 mA,
limited by internal device characteristics. The min-
imum practical input current is determined by the
effects of internal bias currents (whether from
OA1, OA2, or the effect of V1). At currents as low
as 31 nA, approximately 1 dB error in reading will
result from interal bias currents.
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 6
THAT 2252 RMS-Level Detector
Figure 8. Low Level Output from Several 2252s
(no Rf)
V+
OUT
IN
7
2
6
3
8
1
5
4
2252
V+
OUT
CAP
V-
SYM
GND
IBIAS
IN
V-
V-
T
C
RT
20
22M
Rf
1k
2M2
750k
1u
Rb
10u
20u
Cin
10u
10k
Rin
Figure 9. Application Circuit Without Symmetry
Control



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com