Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THAT2252 Fiches technique(PDF) 1 Page - THAT Corporation All rights reserved.

No de pièce THAT2252
Description  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THAT [THAT Corporation All rights reserved.]
Site Internet  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 Fiches technique(HTML) 1 Page - THAT Corporation All rights reserved.

  THAT2252 Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
-
+
7
4
3
1
8
6
5
2
BIAS
CURRENT
COMP
1
V
BIAS
CURRENT
COMP
2
Figure 1. 2252 Equivalent Circuit Diagram
Pin Name
SIP Pin
Input
1
I BIAS
2
Gnd
3
Sym
4
V-
5
Cap
6
Output
7
V+
8
Figure 2. 2252 Pin Assignments
FEATURES
•
True RMS Response
•
Wide Dynamic Range: >80 dB
•
High Crest Factor: 8 (1 dB error)
•
Wide Bandwidth: to > 20 kHz
•
Logarithmic Output Scaling
•
Low Cost: $2.20 in ’000s
•
Single In-Line Package
•
Matches 2180 and 2181 Series
VCAs
APPLICATIONS
•
Meters
•
Spectrum Analyzers
•
Compressors
•
Expanders
•
Oscillators
•
Psychoacoustic Modeling
•
Noise Measurement
Description
The THAT 2252 integrated-circuit rms-level detec-
tor is designed to convert an ac input current into a
dc output voltage. The output is proportional to the
log of the true rms value of the input signal. The
parts are housed in a space-efficient plastic 8-pin
single-in-line (SIP) package, and require minimal
support circuitry. Based on dbx technology and fab-
ricated in a super low-noise process, the 2252 com-
bines wide dynamic range with frequency response
to beyond 20 kHz. The logarithmic output is espe-
cially convenient for audio applications requiring
decibel-linear scaling. The integration time is ad-
justable via an external R/C pair. With some exter-
nal circuitry, response to dc is also possible.
dbx
is a registered trademark of Carillon Electronics Corporation
THAT Corporation
IC RMS-Level Detector
THAT 2252
Doc. 600032 Rev. 02


Numéro de pièce similaire - THAT2252

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
THAT2252 ETC1-THAT2252 Datasheet
187Kb / 10P
IC RMS-Level Detector
More results

Description similaire - THAT2252

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DBX2252 ETC-DBX2252 Datasheet
175Kb / 2P
TRUE RMS LEVEL DETECTOR
THAT2252 ETC1-THAT2252 Datasheet
187Kb / 10P
IC RMS-Level Detector
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
RMS Power Detector
Rev 0; 10/09
logo
Texas Instruments
TRF1600 TI-TRF1600 Datasheet
349Kb / 15P
TRUE RMS RF POWER DETECTOR
logo
Analog Devices
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
Envelope and TruPwr RMS Detector
REV. A
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
RMS POWER DETECTOR & ENVELOPE TRACKER
HMC1030LP5E AD-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR SINGLE-ENDED
logo
Maxim Integrated Produc...
MAX2202 MAXIM-MAX2202 Datasheet
980Kb / 8P
RMS Power Detector
Rev 1; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com