Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THAT2252 Fiches technique(PDF) 4 Page - THAT Corporation All rights reserved.

No de pièce THAT2252
Description  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THAT [THAT Corporation All rights reserved.]
Site Internet  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 Fiches technique(HTML) 4 Page - THAT Corporation All rights reserved.

  THAT2252 Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Computing the Mean
In the classic mathematical definition of rms
value, the time integral of the square of the signal
must be evaluated over infinite time. Obviously, for
a practical measurement, only a finite time is
available, which leads to the question of how to
weight events occuring at various times. Tradi-
tionally, the simplest and most meaningful weight-
ing is exponential in time, giving highest weight to
the most recent history, and exponentially less
weight to increasingly older events. This weighting
corresponds to convolution in time with the famil-
iar exponential weighting function, e
t
−
τ .
To accomplish this weighting, Pin 6 is normally
connected to a capacitor and a negative current
source. (Refer to the Typical Application Circuit in
Figure 4. In this circuit, CT is the capacitor and RT
together with V- form the current source.) This
current source
establishes a quiescent dc bias
current, IT, through Q6. Over time, the capacitor
charges to 1 VBE below Vlog (the potential at the
output of OA2).
The instantaneous emitter current in Q6 is propor-
tional to the antilog of its VBE, which is the differ-
ence between Q6’s base voltage and the voltage at
pin 6. The potential at the base of Q6 represents
the log of the square of the input current, while
the emitter of Q6 is held at ac ground via the ca-
pacitor. Since Q6’s emitter current is proportional
to the antilog of its VBE, the current in Q6 is pro-
portional to the square of the instantaneous input
current.
Note that this antilogging only takes place for dy-
namic signals. For a dc input, the output of OA2
represents the square of the input current. After
charging, the external timing capacitor voltage
again approaches one diode drop below Vlog. The
exact value of the diode drop will be determined by
the bias current IT. However, for sudden increases
in the input current Iin, the current available to
charge the capacitor CT is proportional to the
square of the short-term increase in input current.
The “dynamic” antilogging causes the capacitor
voltage to represent the log of the mean of the
square of the input current.
Time Constants
Another way of looking at this situation is to con-
sider the action of Q6 and CT as a first-order filter
in the log domain. Q6 and CT establish a single
pole at a frequency determined by a) the imped-
ance of Q6 at the bias current IT and b) the value
of CT. The time constant
τ is given below.
τ= CT
V
I
T
T
= CT
IT
0 0259
.
, at 300° Kelvin.
The result is that the voltage at pin 6 represents
the average (or mean) of the square of the input
signal, averaged over the time constant
τ. The av-
eraging corresponds to convolution with the time
weighting of a simple RC circuit. Mathematically,
this is as follows:
Vn
I e dt
T
T
in
t
61
1
0
2
2
α
τ
−
∫
 , where T is the time at
which the average level is computed. Note that
e
t
−
τ
represents the exponential time weighting
imposed by the log-domain filter.
How fast the 2252 acquires a signal (the “attack”),
and how fast it returns to rest following a signal
(the “release”), are locked in relationship to each
other
by
the
nature
of
the
exponential
time-weighting imposed by this log-domain filter.
Separate attack and release adjustments are not
possible within the constraint of rms response.
The time response for typical values of IT and CT
(the circuit of Figure 4) is shown in Figure 5,
which shows the 2252’s response to a 100 ms,
1 kHz tone burst at ~ +10 dBV followed by
~500 ms of 1 kHz at ~ –30 dBV. The top trace is
the input tone burst (at 10 V/div), the bottom trace
is the output at 50 mV/div. The time scale is
50 ms/div.
The shape of the attack and release waveforms is
determined by the interaction of the exponential
response
of
the
log-domain
filter
with
the
log-representation of the signal. The straight-line
decay follows from the fact that the natural release
of the exponential time weighting is a decaying ex-
ponential in the linear world. This maps to a
straight line in the log representation. The attack
in the photo appears exponential, but actually fol-
lows the ()
1
− −
e t shape of the attack curve. The
transformation from the linear to the log world
steepens the apparent attack shape.
The time constant,
τ, also determines the amount
of ripple (at frequency 2fin) in the output for any
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 4
THAT 2252 RMS-Level Detector
V+
V+
OUT
IN
7
2
6
3
8
1
5
4
2252
V+
OUT
CAP
V-
SYM
GND
IBIAS
IN
V-
V-
T
R
T
C
SYM
50k
24k
47k
20
22M
Rf
1k
2M2
560k
1u
Rb
10u
20u
Cin
10u
10k
Rin
Figure 4. Typical Application Circuit (±15V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com