Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THAT2252 Fiches technique(PDF) 2 Page - THAT Corporation All rights reserved.

No de pièce THAT2252
Description  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THAT [THAT Corporation All rights reserved.]
Site Internet  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 Fiches technique(HTML) 2 Page - THAT Corporation All rights reserved.

  THAT2252 Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 2
THAT 2252 RMS-Level Detector
SPECIFICATIONS1
Absolute-Maximum Ratings (TA = 25°C)
Positive Supply Voltage (VCC)+18
V
Negative Supply Voltage (VEE)
-18
V
Supply Current (ICC)
10
mA
Power Dissipation (PD)
330
mW
Operating Temperature Range (TOP)
-20 to +75°C
Storage Temperature Range (TST)
-40 to +125°C
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Positive Supply Voltage
VCC
+4
+12
+15
V
Negative Supply Voltage
VEE
-4
-12
-15
V
Bias Set Current
IBIAS
15
24
50
µA
Signal Current
Iin
IBIAS = 24 µA
—
—
1
mA
Timing Current
IT
1
7.5
50
µA
Electrical Characteristics2
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
ICC
No Signal
—
1
3
mA
Equiv. Input Bias Current
IB
No Signal
—
5
8
nA
Input Offset Voltage
VOFF(IN)
No Signal
0
+8
+16
mV
Symmetry Voltage
VSYM
-2
8
+18
mV
Output Scale Factor
EO/20log(Iin / Iin0) 31.6nA<IIN<1mA
TA=25°C (TCHIP ≈35°C) 6.0
6.1
6.2
mV/dB
Input Current for 0V Output
Iin0
I
I
3.5
BIAS
T
×
I
I
2.9
BIAS
T
×
I
I
2.4
BIAS
T
×
Output Linearity
fIN = 1kHz
1
µA < I
in < 100µA
—
0.1
—
dB
100nA < Iin < 316µA
—
0.5
—
dB
31.6nA < Iin < 1mA
—
1.0
—
dB
Crest Factor
1ms pulse repetition rate
0.2 dB error
—
3.5
—
0.5 dB error
—
5
—
1.0 dB error
—
8
—
Maximum Frequency for 1 dB additional error
Iin ≥ 100µA
—
80
—
kHz
Iin ≥ 10µA
74
—
kHz
Iin ≥ 1µA
30
—
kHz
Iin ≥ 100nA
4
—
kHz
Filtering Time Constant
(.
)
026
C
I
T
T
s
Output TempCo
∆ E0 / ∆ TCHIP
Re: TCHIP = 27°C
—
0.33
—
%/°C
1. All specifications subject to change without notice.
2. Unless otherwise noted, TA=25°C, VCC = +15V, VEE= -15V. Test circuit is as shown in Figure 4. SYM is adjusted for
minimum ripple at Vout with Vin=1 VRMS, 100 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com