| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF7002-QFAA-R7 Fiches technique(PDF) 37 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF7002-QFAA-R7 Fiches technique(HTML) 37 Page - Nordic Semiconductor |
|
37 / 61 page ![]() 14 Hardware and layout This section describes nRF7002 hardware and layout specifications. 14.1 Pin assignments The pin assignment figure and tables describe the pinouts for the device. There are also recommendations for how the General-Purpose Input/Output (GPIO) pins should be configured, in addition to any usage restrictions. Figure 17: Pin assignments 4486_184 v1.0 37 |