Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF7002-QFAA-R7 Fiches technique(PDF) 40 Page - Nordic Semiconductor

No de pièce NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Fiches technique(HTML) 40 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 44Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
Hardware and layout
A
A1
A2
b
D
E
D2
E2
e
K
L
Min.
0.8
0.15
5.9
5.9
0.2
0.2
Nom.
0.85
0.035 0.65
0.2
6
6
4.6
4.6
0.4
Max.
0.9
0.05
0.25
6.1
6.1
Table 18: Package dimensions in millimeters
14.3 Reference circuitry
To ensure good RF performance when designing Printed Circuit Board (PCB)s, it is highly recommended to
use the PCB layouts and component values provided by Nordic Semiconductor.
14.3.1 Reference schematic
Circuit configuration, showing the schematic and Bill of Materials (BOM) table for nRF7002.
4486_184 v1.0
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61