Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF7002-QFAA-R7 Fiches technique(PDF) 21 Page - Nordic Semiconductor

No de pièce NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Fiches technique(HTML) 21 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 25Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Quad Serial Peripheral Interface
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
tUDP,TX,QSPI
Max UDP TX mode throughput over QSPI
56
Mbps
tUDP,RX,QSPI
Max UDP RX mode throughput over QSPI
61
Mbps
tUDP,TX,SPIM
Max UDP TX mode throughput over SPIM
14
Mbps
tUDP,RX,SPIM
Max UDP RX mode throughput over SPIM
14
Mbps
tTCP,TX,QSPI
Max TCP TX mode throughput over QSPI
40
Mbps
tTCP,RX,QSPI
Max TCP RX mode throughput over QSPI
42
Mbps
tTCP,TX,SPIM
Max TCP TX mode throughput over SPIM
12
Mbps
tTCP,RX,SPIM
Max TCP RX mode throughput over SPIM
12
Mbps
Table 5: UDP/TCP throughputs
4486_184 v1.0
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61