Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 28 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 28 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 24Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 25Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 26Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 27Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 28Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 29Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 30Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 31Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 32Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
28
Super-Tack Polyester Continuous Tapes
• Thermal transfer printable continuous tape format
• Super-tack polyester has ultra-aggressive adhesive
• Ideal for rough, textured, and coated surfaces
• Applications include rack unit labeling, cabinets, cable tray, pathways,
control panels, enclosures, pipes, and much more
• Meets DIN 40050-9, IP69K for washdown applications.
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 302°F (-40°C to 150°C)
• UL969 recognized, File # MH14979, cUL recognized,
C22.2 No. 0.15.01, File # MH14979
Order number of labels required in multiples of Standard Package Quantity.
Non-Printable Clear Over-Laminate Continuous Tapes
• Over-laminates can be used for additional protection over the
2" and 4" continuous tapes
• When over-laminates are used with Super-Tack Polyester Labels, the
labels meet DIN 40050-9, IP69K for washdown applications
• Temperature range: -40°F to 302°F (-40°C to 150°C)
Order number of labels required in multiples of Standard Package Quantity.
Part Number
Color
Material
Width
Length
Std. Pkg.
Qty.
In.
mm
Ft.
m
T225X000YK1
Clear
Polyester
2.25
57.2
100.0
30.5
1
T425X000YK1
4.25
107.9
Part Number
Color
Material
Width
Length
Std.
Pkg.
Qty.
(Roll)
In.
mm
Ft.
m
T038X000Y01
Black
Polyester
0.38
9.7
100.0
30.5
1
T038X000YP1
White
T050X000Y01
Black
0.50
12.7
T050X000YP1
White
T100X000Y01
Black
1.00
25.4
T100X000Y81
Yellow
T100X000YP1
White
T100X000YQ1
Blue
T100X000YS1
Green
T100X000YU1
Orange
T100X000YW1
Red
T200X000Y01
Black
2.00
50.8
T200X000Y81
Yellow
T200X000YP1
White
T200X000YQ1
Blue
T200X000YS1
Green
T200X000YU1
Orange
T200X000YW1
Red
T400X000Y01
Black
4.00
101.6
T400X000Y81
Yellow
T400X000YP1
White
T400X000YQ1
Blue
T400X000YS1
Green
T400X000YU1
Orange
T400X000YW1
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com