Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 30 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 30 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 26Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 27Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 28Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 29Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 30Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 31Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 32Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 33Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 34Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
30
Super-Tack Polyester Arc Flash Continuous Tapes
Part Number
Width
Height
Part Description
Labels
Per
Row
Std.
Pkg.
Qty.
(Roll)
In.
mm
In
mm
C400X600A41
4.00 101.6 6.00 152.4
Polyester safety label, DANGER header, red and black/white, 100 labels per roll.
1
1
C400X600A61
Polyester safety label, CAUTION header, yellow/black, 100 labels per roll.
C400X600AX1
Polyester safety label, NOTICE header, blue/white, 100 labels per roll.
C400X600AY1
Polyester safety label, SAFETY FIRST header, green/ white, 100 labels per roll.
C400X600AZ1
Polyester safety label, yellow header, 100 labels per roll.
C400X600Y81
Polyester safety label, yellow, 100 labels per roll.
Order number of labels required in multiples of Standard Package Quantity
Part Number
Width
Height
Part Description
Std.
Pkg.
Qty.
(Roll)
In.
mm
Ft
M
T400X000YX1
4.00
101.6
50.0
15.2
Polyester arc flash continuous tape, orange header.
1
T400X000A91
Polyester arc flash continuous tape, red header.
Order number of labels required in multiples of Standard Package Quantity
Super-Tack Polyester Facility Identification Labels
• Facility Identification created quickly to comply with workplace safety
regulations contributing to the protection of employees and equipment
from unexpected hazards
• Meets DIN 40050-9, IP69K for washdown applications
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 302°F (-40°C to 150°C)
• UL969 recognized; File # MH14979; cUL recognized,
C22.2 No. 0.15.01, File # MH14979
C400X600A41
C400X600AX1
C400X600A61
C400X600AY1
C400X600AZ1
C400X600Y81
T400X000YX1
T400X000A91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com