Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 7 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 7 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 3Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 10Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Contact Technical Support at 866.871.4571.
7
PVDF Self-Laminating Labels
• Self-extinguishing material and recommended alternative to Tedlar®
• Sized specifically for wire and cable applications
• Use thermal transfer hybrid ribbon
• Temperature range: -65°F to 275°F (-54°C to 135°C)
• UL969 recognized File # MH14979; cUL recognized C22.2
No. 0.15.01, File # MH149799
LabelCore™ Fiber Optic Cable Identification System
• Provides a larger labeling surface on small fiber cables and allows
legends to be clearly seen
• Sleeves are made of flexible PVC material
• Locate sleeve on straight section of cable at least 2 inches
from fiber boot
Part Number
Color
Part Description
Std.
Pkg.
Qty.
NWSLC-2Y
Yellow
Yellow cable identification sleeve for 2mm simplex fiber cable, 1" long, use with labels:
S100X150YAJ (Laser/Inkjet); S100X150VAC (LS8E Hand-held Printer);
S100X150VA1Y or S100X150VATY (Thermal Transfer Printer).
100
NWSLC-2Y-AQ
Aqua
Aqua cable identification sleeve for 2mm simplex cable, 1" long, use with labels:
S100X150YAJ (Laser/Inkjet); S100X150VAC (LS8E Hand-held Printer);
S100X150VA1Y or S100X150VATY (Thermal Transfer Printer).
NWSLC-3Y
Orange
Orange cable identification sleeve for 3mm simplex cable, 1" long, use with labels:
S100X150YAJ (Laser/Inkjet); S100X150VAC (LS8E Hand-held Printer);
S100X150VA1Y or S100X150VATY (Thermal Transfer Printer).
NWSLC-7Y
White
White cable identification sleeve for 3mm duplex fiber cable, 1" long, use with labels:
S100X225YAJ (Laser/Inkjet); S100X225VAC (LS8E Hand-held Printer);
S100X225VATY or S200X225VATY (Thermal Transfer Printer).
Order number of labels required in multiples of Standard Package Quantity.
Part Number
Print-On
Area
Color
Width
Length
Print-On Area
Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm In.
mm
S050X150T1T
White
0.50 12.7 1.50 38.1 0.50 12.7 0.16 4.0 0.32 8.1
Cat. 5e UTP/Cat. 6 UTP/Cat.
6A UTP/ Cat. 5e FTP/
10 – 6 AWG
8
5000
S075X125T1T
0.75 19.1 1.25 31.8 0.38
9.7
0.12 3.1 0.28 7.0
Cat. 3 UTP/12 – 10 AWG
5
S100X075T1T
1.00 25.4
0.75 19.1 0.25
6.4
0.08 2.0 0.16 4.0
Cat. 6 28 AWG/18 – 14 AWG
4
2500
S100X125T1T
1.25 31.8 0.38
9.7
0.12 3.1 0.28 7.0
12 – 10 AWG
S100X150T1T
1.50 38.1 0.50 12.7 0.16 4.0 0.28 7.1
Cat. 5e UTP/Cat. 6 UTP/Cat.
6A UTP/Cat. 5e FTP/
10 - 6 AWG
S100X225T1T
2.25 57.2 0.75 19.1 0.24 6.1 0.48 12.1
Cat. 6 FTP/Cat. 6A UTP/
Cat. 6A FTP/8 – 4 AWG
1500
S100X400T1T
4.00 101.6 1.00 25.4 0.32 8.1 0.95 24.3
2 – 1 AWG
2500
S200X400T1T
2.00 50.8
2
500
Tedlar® is a registered trademark of E.I. du Pont de Nemours and Company.
Order number of labels required in multiples of Standard Package Quantity.
*Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com