Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPLUS-CD Fiches technique(PDF) 32 Page - PANDUIT CORP.

No de pièce EMPLUS-CD
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Fiches technique(HTML) 32 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 28Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 29Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 30Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 31Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 32Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 33Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 34Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 35Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 36Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
32
Reflective Continuous Tapes for Solar Applications
• Used for illuminating or highlighting a range of objects
• Conformable material for flat applications and safety
and facility identification
• Use thermal transfer resin ribbon
• Temperature Range: -40°F to 180°F (-40°C to 82°C)
• UL969 recognized, File # MH14979, cUL recognized, C22.2
No. 0.15.01, File # MH 14979
Super-Tack Polyester Solar Labels
• Solar Labels are designed to meet required safety
standards for PV installation labeling.
• Certain labels leave blank spaces where variable thermal
transfer printing can be added when specific on-site power
and series data is required.
• Meets DIN 40050-9, IP69K for washdown applications
• This product solution has an optional clear over-laminate to
function in harsh environments.
• All labels are outdoor rated and are designed to have high
resistance to direct UV exposure.
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 180°F (-40°C to 82°C)
• UL969 recognized; File # MH14979; cUL recognized, C22.2
No. 0.15.01, File # MH14979
Part Number
Color
Width
Height
Application
Std.
Pkg.
Qty.
In.
mm
In
mm
C300X150SL1-OL
Clear
1.50
38.1
3.00
76.2 Additional Abrasion and UV Protection
250
C400X200SL1-OL
2.00
50.8
4.00
101.6
Additional Abrasion and UV Protection
C400X400SL1-OL
4.00
101.6
Additional Abrasion and UV Protection
C600X175SL1-OL
1.75
44.5
6.00
152.4 Additional Abrasion and UV Protection
Order number of labels required in multiples of Standard Package Quantity
Over-Laminate Labels
Part Number
Color
Width
Height
Application
Legend
Std.
Pkg.
Qty.
(Roll)
In.
mm
In
mm
C400X200SP1-AD
White
on Red
4.00 101.6
2.00 50.8 AC Disconnet
VOLTAGE AND CURRENT RATINGS
50
C400X400SP1-ASM
4.00 101.6
AC Photovoltaic Module
VOLTAGE CURRENT AND POWER RATINGS
C400X400SP1-DD
DC Disconnect
VOLTAGE AND CURRENT RATINGS
C400X400SP1-DSM
DC Photovoltaic Module
VOLTAGE CURRENT AND POWER RATINGS
C400X400SP1-PS
Photovoltaic Power Source
VOLTAGE AND CURRENT RANTINGS
C600X175SP1-AD
6.00 152.4 1.75 44.5
AC Disconnect
PHOTOVOLTAIC - AC DISCONNECT
C600X175SP1-DD
DC Disconnect
PHOTOVOLTAIC - DC DISCONNECT
Order number of labels required in multiples of Standard Package Quantity
Part Number
Color
Material
Width
Height
Std.
Pkg.
Qty.
(Roll)
In.
mm
Ft.
M
T400X000RW1
Red
Polyester
4.00
101.6
50.0
15.2
1
Order number of labels required in multiples of Standard Package Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com