| Moteur de recherche de fiches techniques de composants électroniques |
|
MP200 Fiches technique(PDF) 10 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
MP200 Fiches technique(HTML) 10 Page - PANDUIT CORP. |
|
10 / 17 page ![]() 10 www.panduit.com 10 Part Number Width Height Min. Cable O.D. Max. Cable O.D. Labels Per Roll In. mm In. mm In. mm In. mm H100X025H1T 1.00 25.4 0.25 6.4 0.04 1.0 0.13 3.3 1000 H200X025H1T 2.00 50.8 500 H100X034H1T 1.00 25.4 0.34 8.6 0.06 1.5 0.19 4.8 1000 H200X034H1T 2.00 50.8 500 H100X044H1T 1.00 25.4 0.44 11.2 0.08 2.0 0.25 6.4 1000 H200X044H1T 2.00 50.8 500 H100X064H1T 1.00 25.4 0.64 16.3 0.13 3.3 0.38 9.7 1000 H200X064H1T 2.00 50.8 500 H100X084H1T 1.00 25.4 0.84 21.3 0.17 4.3 0.50 12.7 1000 H200X084H1T 2.00 50.8 500 H100X165H1T 1.00 25.4 1.65 41.9 0.33 8.4 1.00 25.4 500 H200X165H1T 2.00 50.8 250 Additional sizes and colors available on www.panduit.com. Military Grade Heat Shrink Labels Part Number Width Height Min. Cable O.D. Max. Cable O.D. Labels Per Roll In. mm In. mm In. mm In. mm H100X025H1T-2 1.00 25.4 0.25 6.4 0.04 1.0 0.13 3.3 1000 H200X025H1T-2 2.00 50.8 500 H100X034H1T-2 1.00 25.4 0.34 8.6 0.06 1.5 0.19 4.8 1000 H200X034H1T-2 2.00 50.8 500 H100X044H1T-2 1.00 25.4 0.44 11.2 0.08 2.0 0.25 6.4 1000 H200X044H1T-2 2.00 50.8 500 H100X064H1T-2 1.00 25.4 0.64 16.3 0.13 3.3 0.38 9.7 1000 H200X064H1T-2 2.00 50.8 500 H100X084H1T-2 1.00 25.4 0.84 21.3 0.17 4.3 0.50 12.7 1000 H200X084H1T-2 2.00 50.8 500 H100X122H1T-2 1.00 25.4 1.22 31.0 0.25 6.3 0.75 19.0 500 H200X122H1T-2 2.00 50.8 250 H100X165H1T-2 1.00 25.4 1.65 41.9 0.33 8.4 1.00 25.4 500 H200X165H1T-2 2.00 50.8 250 Additional sizes and colors available on www.panduit.com. Two-Sided Military Grade Heat Shrink Labels Part Number Width Height Min. Cable O.D. Max. Cable O.D. Labels Per Roll In. mm In. mm In. mm In. mm H200X025HFT-2 2.00 50.8 0.25 6.4 0.06 1.5 0.13 3.3 500 H200X034HFT-2 0.34 8.6 0.09 2.3 0.19 4.8 H200X044HFT-2 0.44 11.1 0.13 3.3 0.25 6.4 H200X064HFT-2 0.64 16.2 0.19 4.8 0.38 9.7 H200X084HFT-2 0.84 21.3 0.25 6.4 0.50 12.7 H200X165HFT-2 1.65 41.9 0.50 12.7 1.00 25.4 250 Additional sizes and colors available on www.panduit.com. Halogen-Free Two-Sided Heat Shrink Labels PRODUCT SELECTION GUIDES Heat Shrink Labels |