| Moteur de recherche de fiches techniques de composants électroniques |
|
MP200 Fiches technique(PDF) 8 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
MP200 Fiches technique(HTML) 8 Page - PANDUIT CORP. |
|
8 / 17 page ![]() 8 www.panduit.com Chemical Resistance The harshest environments often expose critical identification labels and markers to chemical, fluids, and oils. Panduit materials, such as fluid-resistant heat shrink, are tested to the highest industry standards against some of the most extreme chemicals. Through this exhaustive research, Panduit products are the preferred solutions to meet AMS-DTL-23053/6 Class 1 and NF F00-608 Class A & H, SAE-AS5942, MIL-STD-883F Method 2015.13, Solutions A and D, and MIL-STD-202G Method 215K, Solutions A, and D. These standards are particularly important for certain industries such as rail transit, aerospace, and industrial construction. = Lowest recommendation = Acceptable with some chemicals = Highest recommendation Acids GROUP Alcohols Bases Cleaner/Degreaser Detergents Fuels Hydraulic Fluids Oils Organic Solvents Salt Solutions Water |