Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP200 Fiches technique(PDF) 4 Page - PANDUIT CORP.

No de pièce MP200
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP200 Fiches technique(HTML) 4 Page - PANDUIT CORP.

  MP200 Datasheet HTML 1Page - PANDUIT CORP. MP200 Datasheet HTML 2Page - PANDUIT CORP. MP200 Datasheet HTML 3Page - PANDUIT CORP. MP200 Datasheet HTML 4Page - PANDUIT CORP. MP200 Datasheet HTML 5Page - PANDUIT CORP. MP200 Datasheet HTML 6Page - PANDUIT CORP. MP200 Datasheet HTML 7Page - PANDUIT CORP. MP200 Datasheet HTML 8Page - PANDUIT CORP. MP200 Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.panduit.com
Rail Car Undercarriage, Industrial
Selection Criteria: Resistance to extreme solvents, oils, and chemicals
Product Recommendations:
• Stainless Steel Marker Plates (embossed)
Shipbuilding, Rail Car Controls
Selection Criteria: Excellent fire safety properties, minimal smoke emissions
Product Recommendations:
• Halogen-Free Heat Shrink Labels
• Halogen-Free Marker Plates
• 316 Stainless Steel Marker Plates (embossed)
Applications
Panduit offers a wide variety of identification systems to meet your specific
application requirements. Common applications include:
Harsh Environments
Selection Criteria: Flame retardant, extreme temperatures;
rated for harsh environments
Product Recommendations:
• Heat Shrink Labels
• High-Temperature, Flame-Retardant Marker Plates
Wire and Cable Labeling
Description: Products encounter some of the harshest environments such as
high temperature, frigid cold, salt water, sand, radiation, and chemical corrosion.
Selection of the right material of construction is a key design criterion.
Oil & Gas, Power Generation, Industrial
Selection Criteria: Low-smoke emissions; resistance to chemical corrosion,
high temperatures, ultra-violet light, flame, and high radiation
Product Recommendations:
• Marker Plates
• Tedlar Self-Laminating Labels
• Heat Shrink Labels
• Marker Plates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17