Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP200 Fiches technique(PDF) 6 Page - PANDUIT CORP.

No de pièce MP200
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP200 Fiches technique(HTML) 6 Page - PANDUIT CORP.

Back Button MP200 Datasheet HTML 2Page - PANDUIT CORP. MP200 Datasheet HTML 3Page - PANDUIT CORP. MP200 Datasheet HTML 4Page - PANDUIT CORP. MP200 Datasheet HTML 5Page - PANDUIT CORP. MP200 Datasheet HTML 6Page - PANDUIT CORP. MP200 Datasheet HTML 7Page - PANDUIT CORP. MP200 Datasheet HTML 8Page - PANDUIT CORP. MP200 Datasheet HTML 9Page - PANDUIT CORP. MP200 Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
www.panduit.com
Offshore Platforms, Refineries, Petrochemical,
Wind & Solar Farms:
Selection Criteria: Labels and signs suitable for industrial environments with
OSHA and ANSI compliant layouts and colors to communicate safety messages.
Product Recommendations:
• Adhesive Polyester Signs and Labels
• Rigid Polyethylene Signs
• 316 Stainless Steel Marker Plates
Safety Identification
Description: Panduit safety identification solutions are reliable for the pro-
tection of personnel from potential hazards. This includes creating a visual
workplace to ensure that hazards are properly recognized and identified.
It is also important to identify energy in a workplace (electrical, chemical,
pneumatic, mechanical, hydraulic, kinetic, and others) with Lockout/Tagout
devices, as well as facility signage and equipment labeling.
Solar Photovoltaic System Labeling
Description: This labeling system is designed to meet required safety
standards for PV installation labeling. All labels are designed to have
extreme UV resistance for outdoor application and strong holding
power for rough, textured, and powder-coated surfaces.
Enclosures, Disconnects, Junction Boxes:
Selection Criteria: Extreme UV resistance; strong holding power for rough,
textured, and powder-coated surfaces
Product Recommendations:
• Polyester Labels and Over-laminates
• Raised Panel Labels
Outdoor – Natural Gas Hydraulic Fracturing,
Pumping Stations
Selection Criteria: Extreme UV resistance; strong holding power for rough,
textured, and powder-coated surfaces
Product Recommendations:
• Raised Panel Labels
• Stainless Steel Marker Plates and Tags
Control Panel Identification (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17