| Moteur de recherche de fiches techniques de composants électroniques |
|
LEDV3 Fiches technique(PDF) 3 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
LEDV3 Fiches technique(HTML) 3 Page - Midas Components |
|
3 / 21 page ![]() 2.Summary WF150A is a 15.0” TFT Liquid Crystal Display IAV module with LED Backlight units and 20 pins LVDS interface. This module supports 1024 x 768 XGA mode and can display 16.2M/262k colors. The PSWG is to establish a set of displays with standard mechanical dimensions and select electrical interfa ce requirements for an industry standard 15.0” XGA LCD panel and the LED driving device for Backlight is built in PCBA. Page 3 of 21 |