Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEDV3 Fiches technique(PDF) 17 Page - Midas Components

No de pièce LEDV3
Description  TFT Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIDASDISPLAYS [Midas Components]
Site Internet  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Fiches technique(HTML) 17 Page - Midas Components

Back Button LEDV3 Datasheet HTML 13Page - Midas Components LEDV3 Datasheet HTML 14Page - Midas Components LEDV3 Datasheet HTML 15Page - Midas Components LEDV3 Datasheet HTML 16Page - Midas Components LEDV3 Datasheet HTML 17Page - Midas Components LEDV3 Datasheet HTML 18Page - Midas Components LEDV3 Datasheet HTML 19Page - Midas Components LEDV3 Datasheet HTML 20Page - Midas Components LEDV3 Datasheet HTML 21Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Note (c) The SSCG (Spread spectrum clock generator) is defined as below figures.
9.2. POWER ON/OFF SEQUENCE
To prevent a latch-up or DC operation of LCD assembly, the power on/off sequence should be
as the diagram below.
Power ON/OFF sequence
Note (1) Please avoid floating state of interface signal at invalid period.
Note (2) When the interface signal is invalid, be sure to pull down the power supply of LCD
VCC to 0 V.
Note (3) The Backlight converter power must be turned on after the power supply for the logic
and the interface signal is valid. The Backlight converter power must be turned off before the
power supply for the logic and the interface signal is invalid.
Page 17 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21