| Moteur de recherche de fiches techniques de composants électroniques |
|
LEDV3 Fiches technique(PDF) 18 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
LEDV3 Fiches technique(HTML) 18 Page - Midas Components |
|
18 / 21 page ![]() Parameter Value Units Min Typ Max T1 0.5 - 10 ms T2 0 - 50 ms T3 0 - 50 ms T4 500 - - ms T5 200 - - ms T6 200 - - ms T7 5 - 300 ms T8 10 - - ms T9 10 - - ms T10 20 ms SCANNING DIRECTION The following figures show the image see from the front view. The arrow indicates the direction of scan. Fig.1 Normal Scan Fig.2 Reverse Scan Fig. 1 Normal scan ( pin 4, LR/UD = High or NC ) Fig. 2 Reverse scan (pin 4, LR/UD = Low ) Page 18 of 21 |