| Moteur de recherche de fiches techniques de composants électroniques |
|
LEDV3 Fiches technique(PDF) 12 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
LEDV3 Fiches technique(HTML) 12 Page - Midas Components |
|
12 / 21 page ![]() 8.Electrical Characteristics 8.1. TFT LCD MODULE Parameter Symbol Value Unit Note Min. Typ. Max. Power Supply Voltage VC C 3.0 3.3 3.6 V - Ripple Voltage VRP - - 100 mVp- p Rush Current IRUS H - - (2.0) A (2 ) Power Supply Current White lcc - (800) (960) mA (3)a Black - (670) (800) mA (3)b LVDS differential input voltage Vid 200 - 600 mV LVDS common input voltage Vi c 1.0 1.2 1.4 V Differential Input Voltage for LVDS Receiver Threshold “H” Level VI H - - 100 mV - “L” Level VIL -100 - - mV - Terminating Resistor RT - 100 - Ohm - Note (1) The module should be always operated within above ranges. Note (2) Measurement Conditions: Page 12 of 21 |