| Moteur de recherche de fiches techniques de composants électroniques |
|
E5DC-RX2AUM-002 Fiches technique(PDF) 45 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 Fiches technique(HTML) 45 Page - Omron Electronics LLC |
|
45 / 138 page ![]() E5EC/E5EC-B/E5AC 45 Input Ranges Thermocouple/Platinum Resistance Thermometer (Universal inputs) Shaded settings are the default settings. The applicable standards for the input types are as follows: K, J, T, E, N, R, S, B: JIS C 1602-2015, IEC 60584-1 JPt100: JIS C 1604-1989, JIS C 1606-1989 L: Fe-CuNi, DIN 43710-1985 Pt100: JIS C 1604-1997, IEC 60751 U: Cu-CuNi, DIN 43710-1985 PL II: According to Platinel II electromotive force charts from BASF (previously Engelhard) C/W: W5Re/W26Re, JIS C 1602-2015, ASTM E988-1990 Analog input Sensor type Platinum resistance thermometer Thermocouple Infrared temperature sensor Sensor specification Pt100 JPt100 K J T E L U N R S B C/W PLII 10 to 70°C 60 to 120°C 115 to 165°C 140 to 260°C 2300 1800 1700 1600 1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 -100 -200 2300 1800 1700 1700 1300 1300 1300 850 850 850 600 500.0 500.0 500.0 400.0 400 400.0 400 400.0 260 120 165 100.0 100.0 90 100 0.0 0.0 00 000000 -20.0 -100 -20.0 -100 -200 -199.9 -199.9 -200 -200 -199.9 -200 -200 -199.9 -200 Set value 01234 56789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Input type Current Voltage Input specification 4 to 20 mA 0 to 20 mA 1 to 5 V 0 to 5 V 0 to 10 V Setting range Usable in the following ranges by scaling: -1999 to 9999, -199.9 to 999.9, -19.99 to 99.99 or -1.999 to 9.999 Set value 25 26 27 28 29 |